Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download 1748070000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5f - 1 - general ordering data order no. 1748200000 part designation b2l 3.5/12 f sn sw version pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 12, 180, box ean 4032248038039 qty. 50 pc(s). system parameters conductor connection system tension clamp connection outgoing direction of conductor 180 pitch 3.5 mm pitch in inch 0.138 inch no. of poles 12 no. of rows 2 stripping length 7 mm l1 in mm 17.5 mm l1 in inch 0.689 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material pbt colour black colour chart similar to ral 9011 insulating material group iiia flammability class ul 94 v-0 cti >= 200 contact base material copper alloy contact surface tinned connectable conductors clamping range, min. 0.08 mm2
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5f - 2 - connectable conductors clamping range, max. 1 mm2 awg, min. 28 awg, max. 18 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 1 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 1 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.13 mm2 with wire end ferrule, acc. to din 46 228/1, max. 0.34 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.13 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 0.34 mm2 din iec rating data rated voltage for overvoltage class/pollution severity ii/2 250 v rated voltage for overvoltage class/pollution severity iii/2 125 v rated voltage for overvoltage class/pollution severity iii/3 80 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 2.5 kv short-time withstand current resistance 3 x 1s with 77 a csa rating data rated voltage (use group d) 50 v rated current (use group d) 5 a awg conductor (field wiring), min. 28 awg conductor (field wiring), max. 18 ul 1059 rating data rated voltage (use group d) 150 v rated current (use group d) 10 a awg conductor, min. 22 awg conductor, max. 16 approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5f - 3 - classifications eclass 5.1 27-26-07-01 similar products order no. part designation version 1001260000 b2l3.5/04f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 4, 180, box 1001270000 b2l3.5/04f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 4, 180, box 1748010000 b2l 3.5/6 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 6, 180, box 1748170000 b2l 3.5/6 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 6, 180, box 1748020000 b2l 3.5/8 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 8, 180, box 1748180000 b2l 3.5/8 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 8, 180, box 1748030000 b2l 3.5/10 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 10, 180, box 1748190000 b2l 3.5/10 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 10, 180, box 1748040000 b2l 3.5/12 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 12, 180, box 1748050000 b2l 3.5/14 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 14, 180, box 1748210000 b2l 3.5/14 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 14, 180, box 1748220000 b2l 3.5/16 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 16, 180, box 1748060000 b2l 3.5/16 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 16, 180, box 1748070000 b2l 3.5/18 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 18, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5f - 4 - 1748230000 b2l 3.5/18 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 18, 180, box 1748080000 b2l 3.5/20 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 20, 180, box 1748240000 b2l 3.5/20 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 20, 180, box 1748090000 b2l 3.5/22 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 22, 180, box 1748250000 b2l 3.5/22 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 22, 180, box 1748100000 b2l 3.5/24 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 24, 180, box 1748260000 b2l 3.5/24 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 24, 180, box 1748110000 b2l 3.5/26 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 26, 180, box 1748270000 b2l 3.5/26 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 26, 180, box 1748120000 b2l 3.5/28 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 28, 180, box 1748280000 b2l 3.5/28 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 28, 180, box 1748130000 b2l 3.5/30 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 30, 180, box 1748290000 b2l 3.5/30 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 30, 180, box 1748140000 b2l 3.5/32 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 32, 180, box 1748300000 b2l 3.5/32 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 32, 180, box 1748150000 b2l 3.5/34 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 34, 180, box 1748310000 b2l 3.5/34 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 34, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5f - 5 - 1748160000 b2l 3.5/36 f sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 36, 180, box 1748320000 b2l 3.5/36 f sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 36, 180, box


▲Up To Search▲   

 
Price & Availability of 1748070000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X